Part Number Hot Search : 
EA09206 29F04 28C65 UZ4215 UCN5800 7C65630 NL1027 SKKH92
Product Description
Full Text Search
 

To Download TM12864GCC6SPEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
                
  c   
 
 
 
 
 

 
 

    
          ! " #
 
           

   fstn  
       
                       w hite  ! " #     $  % &! %   '  (     )    12 ++ ,%- .   &*'
&/  * .  01 23    43*+5 6  $     6 !    /7       #       +  8 5 +       #         2 +  8 6 + +7  #    9 $      :    - :  6;*'    "  +'6;+'6<##=    ! .  +,;+,<##=  '> .   *,  3  . 
.  ?
 #    %%  

 3 . l cd p ar t n u mbe ri ng s y st em     c  6    mo di fi ca tio n co de d esi gn a tor       
                  c : f
                
 
 
 !   
   
 , ' -# !
 .#' +/!'!   ? # 
#1 - - : 4 9 #  ! 
(  ( (
+ *+ @0%(  (  ,+ ( 7   #   9    + 8 5 +     #   9  
  2 + 8 6 +  0  
  
  
 
  6.1 electrical characteristics item symbol min. typ. max. unit supply voltage (logic) v  v  4.75 5.0 5.25 v supply voltage (lcd drive) v  - 11.0 - v high v  v  =5.0 0.8v  -v  +0.3 v input signal voltage low v  v  =5.0 0- 0.2 v  v supply current (logic) i  -6.0- ma supply current (lcd drive) i  -1.9- ma supply current (led drive) i  - - 500 ma
 *? $    ! 
#1 @ %      ( +(   ( ,+( ! 
%  $ @0<8= (+ *+( ! 
%  $@0<= ' &? 3&@       , 9&> 3&@      * a 3&@     & 2 + 3&@  1 + 6  3&@  1  /  3&@  1  +  3&@  1  ' 3&@  1 '  , 3&@  1 ,  * 3&@  1 * ' 2 3&@  1 2 , 0 3&@ * 0 3&@ >. 0bc0b+    .  $ . $
>. 0b+c0b    . . . $
2 9 3&@ 9    6 ( +( 00  / ) '( ! 
%  $@a<8= + d + ! 
%  $@a<=
 * ? $  #0.  0!49 # 0!4> # viht vilt viht vilt viht vilt t cyc p wel p weh t r t as t as t ah t ah t f viht vilt t dsw t dhw e r/w cs1ecs3 d/i db0edb7 t r t cyc p wel p weh t as t as t f t ah t ah viht vilt viht vilt t ddr viht vilt t dhr e r/w cs1?s3 d/i db0?b7
 )00.     mpu interface (gnd = 0v, v cc = 2.7 to 5.5v, ta = ?0 to +75 c) * item symbol min typ max unit e cycle time t cyc 1000 ns e high level width p weh 450 ns e low level width p wel 450 ns e rise time t r 25 ns e fall time t f 25 ns address setup time t as 140 ns address hold time t ah 10 ns data setup time t dsw 200 ns data delay time t ddr 320 ns data hold time (write) t dhw 10 ns data hold time (read) t dhr 20 ns
 *'?  0 code instructions r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 functions display on/off 0000111111/0 controls display on/off. ram data and internal status are not affected. 1: on, 0: off. display start line 0011 display start line (0?3) specifies the ram line displayed at the top of the screen. set page (x address) 0010111p age (0?) sets the page (x address) of ram at the page (x address) register. set y address 0001y address (0?3) sets the y address in the y address counter. status read 1 0 busy 0 on/ reset 0000 reads the status. off reset 1: reset 0: normal on/off 1: display off 0: display on busy 1: internal operation 0: ready write display data 0 1 write data writes data db0 (lsb) has access to the to db7 (msb) on the address of the display data bus into display ram specified in ram. advance. after the read display data 1 1 read data reads data db0 (lsb) access, y address is to db7 (msb) from the increased by 1. display ram to the data bus. note: busy time varies with the frequency (f clk ) of ?, and ?. (1/f clk t busy 3/f clk )
 1 #    27  0.     b, ? # 
#1 0  - 
 - : 4   b+  ++ ( )  0  2  b+  + +   0   9  0   b+  b+ +         ++ 9  #  $$    b+  b+   ++ #
 2 $ $7  0.     2 $ $( )   # # 2 $ $0   9   
 
   
 
       

  - 0  =)#1   #    , e=5 # $ f 
 2+3" 2  $ $9   #  #   "# b   8   $$ #   "$$ b   8    - 0  =7  (   +(   =5 # $ f 
2+3" 
 2## 60  $9  1
   b,    ? # 0  $       3. #      a     
 . ..     #   $  # 6 + '+3  @ #      a     
 .      #   $  #  2 + '+3 3. #   7   a     
 .       <%      =  . . #     .   #  $  # 5 + '+3 ' @ #   7   a     
 .         #   $  # + '+3 , 3. #   &3#
   a     
 . .. #    ...#
   $  # *+ /,g93 '+3 *  #   0
 a     
 .  .. #   
  + , 6+ , +# ,#  +# ,#  
  + &6+ +
  2 (1   <    = a     
 . %1     +3"h,++3"c ++#&  c +# 6 .  <    = a     
 . .     3 $  % c ++#&  c 6# / ) #.  !    a     
 . #.      1
  ,! *3
 65  i#  0    ? # 0  ? #  ',*26/ 5  i #  0     $   ??????? 7 $ . 1  $  a     $   ??? 7 $ .      $  - .    $   ? 7 $ . # .    $  7   0.      ???? 7 $ .    $   5   # $  6 9 #     $  b 7    $  8 - .    $ 
 345*67** ?   a: #    )   b, <  .   = - - : 4 ?@ )j@ a:   (  ?   4  #  #   
.  c .    1  
 @0 ,#  ) :) ?? - k + - , 
 $   4  #  #   
.  c 
      ) : ?? - k + - ,  - k $   7  #  ##c. c  #  c@   -  $   7 .   #  $#  66
 $8'  5* +'# +3 !    +. 
  #  $  1k     # .  . 1
 $# ..  c  +?$ . 
   #    . f
 1      c1      

# .c$ . 1  #      .
 . c# 
 . $$     +   
 : % $   . 
$   .  k     .#
   .    % 
 +'.  " %  . 
$  $ . @0# $   
 . 3   . "   $
 +, ?$ .  
 $     # c 1 .   .  $      
     .  $  
  . ?$     # 
  c #   .  . $ . $%     ?
 .   a .
 . %   .  .  . #    1% #
 #   .  "  a  
c   . $   >   d    )# %   +*  #    #1  . @0-  +2?$ .   $$c  
 .    +6   %       $ .   #   1
     
c 1    $  #    ## %#        .  1
. .  . @0-  1 f $  #1
c.  c# 1  
    .  # $    
   c   #1
  .  
  . @0-   . $#    . 
$     .  $$ .  % $#     
#
1    
 +       +>.   . @0# c % :    .   . . $$    # +. @0# .1     .     #     ?$ . @0# 1   $  # c .  ##    #    +  '+ 9  % 
.#
 6+g + .  @0 #  . 1     .  #  .  c    . #$  +  .  @0 #  . 1   $   %   .    c   . % : %   c  c  #  . 
  / ?   #   $     $   ? # 0   0  @     #  9 1 )  . #  #  > "  .#    #     - :  $     ! "  11 1    "    l+ ## + ## +,##  . $  "  )  . #  #     - :     ;l+## +## ; +,##   <%   = ;b< 81=&    - :       <%   = l++## ++## ++,## 1 +## - :   < =   ! %     # 
  /- ?   #   $
 $   ? # 0   0  7  #   ##   #  .   #  >%     #  0     %  )  . #  #  0  )  . #  #     - :     ;l+## +## ; +## ;b< 81=&    - :    ! .       #  <7= )l+## +## ) +## l+,## - :        - :     ;l+## +## ; +##    < %   = ;b< 81=&    - :        < %   = l++## ++## ++,## 1 +,## - :   < =  
  /- ?   #   $
 $  <  = ? # 0  0     - : $     : +## +## : +## :b< 81=&    - : $     +## +## +## m+ - :  $      $ #  $ #  - : $     +6> > b#  %  $ . >b# %  $ .


▲Up To Search▲   

 
Price & Availability of TM12864GCC6SPEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X